Part Number Hot Search : 
MSM51 MC54H NTE13 MC44603P 00341736 CX81801 BM200 RS2A1
Product Description
Full Text Search
 

To Download S2N7002DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente S2N7002DW 115ma, 60v dual n-channel mosfet 19-may-2011 rev. b page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free mechanical data ? case: sot-363 molded plastic. ? case material-ul flammability rating 94v-0 ? terminals: solderable per mil-std-202, method 208 ? weight: 0.006 grams(approx.) device marking: package information package mpq leader size sot-363 3k 7? inch maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit drain ? source voltage v ds 60 v drain ? gate voltage r gs 1m ? v dgr 60 v gate ? source voltage v gs 20 v continuous drain current i d 115 ma power dissipation p d 380 mw maximum junction-to-ambient r ja 328 c / w operating junction & stor age temperature range t j , t stg -55~150 c note: 1. pulse width limited by maximum junction temperature. sot-363 millimete r millimete r ref. min. max. ref. min. max. a 2.00 2.20 g 0.100 ref. b 2.15 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.15 d 0.90 1.10 k 8 e 1.20 1.40 l 0.650 typ. f 0.15 0.35 702
elektronische bauelemente S2N7002DW 115ma, 60v dual n-channel mosfet 19-may-2011 rev. b page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static drain-source breakdown voltage v (br)dss 60 - - v v gs =0, i d =10 a gate-threshold voltage v gs(th) 1 - 2 v v ds =v gs, i d =250 a gate-source leakage i gss - - 1 a v ds =0 , v gs = 20v t c = 25c - - 1 v ds =60v, v gs =0 zero gate voltage drain current t c = 125c i dss - - 500 a v ds =60v, v gs =0 on-state drain current i d(on) 0.5 - - a v gs =10v, v ds =7.5v t j = 25c - - 7.5 v gs =5v, i d =0.05a drain-source on resistance t j = 125c r ds(on) - - 13.5 ? v gs =10v, i d =0.5a forward transconductance g fs 80 - - ms v ds R 2 v ds(on) , i d = 0.2a body-drain diode ratings diode forward on?voltage v sd - - -1.5 v i s =115ma, v gs =0 source current continuous(body diode) i s - - -115 ma source current pulsed i sm - - -800 ma dynamic characteristics input capacitance c iss - - 50 output capacitance c oss - - 25 reverse transfer capacitance c rss - - 5 pf v ds =25v, v gs =0, f=1mhz switching characteristics turn-on delay time t d(on) - - 20 turn-off delay time t d(off) - - 40 ns v dd =25v, i d =0.5a r l =50 ? , v gen =10v, r g =25 ?
elektronische bauelemente S2N7002DW 115ma, 60v dual n-channel mosfet 19-may-2011 rev. b page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of S2N7002DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X